Part Number Hot Search : 
8F400 LV5980MX MK1442 MA4M3150 FSQ0765 MB91F233 MRF160 CLE230
Product Description
Full Text Search
 

To Download L2SC3356LT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
LESHAN RADIO COMPANY, LTD.
DESCRIPTION
The L2SC3356LT1 is an NPN silicon epitaxial transistor designed for low noise amplifier at VHF, UHF and CATV band. It has dynamic range and good current characteristic.
ORDERING INFORMATION Device L2SC3356LT1G L2SC3356LT3G Marking R24 R24 Shipping 3000/Tape & Reel 10000/Tape & Reel
L2SC3356LT1G
3
1 2
SOT-23
FEATURES
* We declare that the material of product compliance with RoHS requirements. * Low Noise and High Gain NF = 1.1 dB TYP., Ga = 11 dB TYP. @VCE = 10 V, IC = 7 mA, f = 1.0 GHz * High Power Gain MAG = 13 dB TYP. @VCE = 10 V, IC = 20 mA, f = 1.0 GHz
ABSOLUTE MAXIMUM RATINGS (TA = 25 C)
Collector to Base Voltage Collector to Emitter Voltage Emitter to Base Voltage Collector Current Total Power Dissipation Junction Temperature Storage Temperature VCBO VCEO VEBO IC PT Tj Tstg
65
20 12 3.0 100 200 150 to +150
V V V mA mW
C C
ELECTRICAL CHARACTERISTICS (TA = 25 C)
CHARACTERISTIC Collector Cutoff Current Emitter Cutoff Current DC Current Gain Gain Bandwidth Product Feed-Back Capacitance Insertion Power Gain Noise Figure SYMBOL ICBO IEBO hFE fT Cre** 82 170 7 0.55 11.5 1.1 2.0 1.0 MIN. TYP. MAX. 1.0 1.0 270 GHz pF dB dB UNIT TEST CONDITIONS VCB = 10 V, IE = 0 VEB = 1.0 V, IC = 0 VCE = 10 V, IC = 20 mA VCE = 10 V, IC = 20 mA VCB = 10 V, IE = 0, f = 1.0 MHz VCE = 10 V, IC = 20 mA, f = 1.0 GHz VCE = 10 V, IC = 7 mA, f = 1.0 GHz
A A
S21e2
NF
*
Pulse Measurement PW 350 s, Duty Cycle 2 %
* The emitter terminal and the case shall be connected to the guard terminal of the three-terminal capacitance bridge.
Driver Marking L2SC3356LT1G=R24
1/4
LESHAN RADIO COMPANY, LTD.
TYPICAL CHARACTERISTICS (TA = 25 C)
TOTAL POWER DISSIPATION vs. AMBIENT TEMPERATURE 2
L2SC3356LT1G
FEED-BACK CAPACITANCE vs. COLLECTOR TO BASE VOLTAGE f = 1.0 MHz
PT-Total Power Dissipation-mW
200
Cre-Feed-back Capacitance-pF
Free Air
1
100
0.5
0
50
100
150
0.3 0
0.5
1
2
5
10
20
30
TA-Ambient Temperature-C DC CURRENT GAIN vs. COLLECTOR CURRENT 200 VCE = 10 V 15
VCB-Collector to Base Voltage-V INSERTION GAIN vs. COLLECTOR CURRENT
hFE-DC Current Gain
100
|S21e|2-Insertion Gain-dB
10
50
5 VCE = 10 V f = 1.0 GHz 1 5 10 50 70 IC-Collector Current-mA
20
10 0.5
1
5
10
50
0 0.5
IC-Collector Current-mA
GAIN BANDWIDTH PRODUCT vs. COLLECTOR CURRENT 10
INSERTION GAIN, MAXIMUM GAIN vs. FREQUENCY Gmax
fT-Gain Bandwidth Product-MHz
3.0 2.0 1.0 0.5 0.3 0.2 VCE = 10 V 0.1 0 0.5 1.0 5.0 10 30
Gmax-Maximum Gain-dB |S21e|2-Insertion Gain-dB
5.0
20 |S21e|2
10
0
VCE = 10 V IC = 20 mA 0.1 0.2 0.4 0.6 0.81.0 2 f-Frequency-GHz
IC-Collector Current-mA
2/4
LESHAN RADIO COMPANY, LTD.
L2SC3356LT1G
NOISE FIGURE vs. COLLECTOR CURRENT 7 6
NF-Noise Figure-dB
VCE = 10 V f = 1.0 GHz
|S21e|2-Insertion Gain-dB
18
15
NF-Noise Figure-dB
5 4 3 2 1 0 0.5 1 5 10 50 70
NOISE FIGURE, FORWARD INSERTION GAIN vs. COLLECTOR TO EMITTER VOLTAGE 5 f = 1.0 GHz IC = 20 mA 4 2 |S21e| 3 2 NF 1
12 6
3
0
0
2
4
6
8
10
IC-Collector Current-mA
VCE-Collector to Emitter Voltage-V
3/4
LESHAN RADIO COMPANY, LTD.
L2SC3356LT1G
SOT-23
NOTES:
A L
3 1 2
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
BS
DIM A B C D G H J K L S V
V
G
C D H K J
INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236
MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60
PIN 1. BASE 2. EMITTER 3. COLLECTOR
0.037 0.95
0.037 0.95
0.079 2.0 0.035 0.9 0.031 0.8
inches mm
4/4
LESHAN RADIO COMPANY, LTD.
EMBOSSED TAPE AND REEL DATA FOR DISCRETES
T Max Outside Dimension Measured at Edge 13.0mm 0.5mm 1.5mm Min (.512 .002'') (.06'') A
20.2mm Min (.795'')
50mm Min (1.969'')
Full Radius
G Inside Dimension Measured Near Hub
Size 8 mm
A Max 330mm (12.992'')
G 8.4mm+1.5mm, -0.0 (.33''+.059'', -0.00)
T Max 14.4mm (.56'')
Reel Dimensions
Metric Dimensions Govern -- English are in parentheses for reference only
Storage Conditions Temperature: 5 to 40 Deg.C (20 to 30 Deg. C is preferred) Humidity: 30 to 80 RH (40 to 60 is preferred ) Recommended Period: One year after manufacturing (This recommended period is for the soldering condition only. The characteristics and reliabilities of the products are not restricted to this limitation)
LESHAN RADIO COMPANY, LTD.
Shipment Specification
CPN
LABEL LABEL
LABEL 10Reel/Inner Box 30KPCS/Inner Box
Dim(Unit:mm)
195mm*195mm*150mm
10 Reel
3000PCS/Reel 8000PCS/Reel (SOT-723,SOD-723)
80KPCS/Inner Box (SOT-723,SOD-723)
Dim(Unit:mm)
460mm*400mm*420mm
LABEL
MARK
Leshan Radio Company,Ltd.
12 Inner Box/Carton 360KPCS/Carton
960KPCS/Carton (SOT-723,SOD-723)


▲Up To Search▲   

 
Price & Availability of L2SC3356LT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X